PART |
Description |
Maker |
CS5571-ISZ |
±2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ΔΣ ADC
|
Cirrus Logic
|
AD7732BRU |
2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
|
Analog Devices, Inc.
|
AD7732 AD7732BRU |
2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
|
AD[Analog Devices]
|
CS5560 CS5570 |
(CS5560 - CS5580) High-Throughput A/D Converters
|
Cirrus Logic
|
MAX11167ETCT MX7672KP10T MX7672LP10T MX7572LCWG05- |
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN High-Speed 12-Bit ADC with External Reference Input 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete High-Speed CMOS, 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS, µP Compatible, 4µs, 8-Bit ADC 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO18 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
MAX156BEWI |
High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 4-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
MAX150 MAX150ACPP MAX150ACWP MAX150AEPP MAX150AEWP |
CMOS High Speed 8Bits ADC(500ksps,单通道,串行8位ADC) CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-TSSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20 CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 From old datasheet system CMOS High Speed 8-Bit A/D Converter with Reference and Track/Hold Function "CMOS, 1.3?s, 8-Bit ADC with Voltage Reference and Track/Hold" CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
STMicroelectronics N.V. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7821KRZ-REEL |
High Speed, µP-Compatible, CMOS, 8-Bit Sampling ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20
|
Analog Devices, Inc.
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
ISLA224S12 ISLA224S20 ISLA224S25 |
Dual 14-Bit, 125 MSPS JESD204B High Speed Serial Output ADC Dual 14-Bit, 200MSPS JESD204B High Speed Serial Output ADC Dual 14-Bit, 250MSPS JESD204B High Speed Serial Output ADC
|
Intersil
|
|